Part Number Hot Search : 
PE8402 CS5102A C1403 ZL40803 ALC5624 CA14392 334H4 D8103
Product Description
Full Text Search
 

To Download RMB962A1011351003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RMB962
miniature relays
BISTABLE
2-COILS
1
* Height 15 mm * IP 67 * For PCB * Insulation 4 kV / 8 mm * High switching capacity, low power consumption * Bistable relays with two coils * DC coils * Terminals raster: type A - 3,2 mm for version 1 C/O, type A - 5,0 mm for version 1 NO * Recognitions, certifications, directives: RoHS, 1 C/O, 1 NO AgSnO2, AgCdO, AgCdO/Au 3,5 m 400 V / 300 V 24 V AgSnO2, 24 V AgCdO
AgCdO/Au 3,5 m - contact Relpol S.A.
Contact data
Number and type of contacts Contact material Max. switching voltage Min. switching voltage Rated load Min. switching current Max. inrush current Rated current Max. breaking capacity Min. breaking capacity Contact resistance Max. operating frequency * at rated load * no load AC/DC
AC1
8 A / 250 V AC 100 mA AgSnO2, 100 mA AgCdO
AgCdO/Au 3,5 m - contact Relpol S.A.
AC1
10 A 8A 2 000 VA 2,4 W AgSnO2, 2,4 W AgCdO
AgCdO/Au 3,5 m - contact Relpol S.A.
100 m AC1 3 600 cycles/hour 20 000 cycles/hour 3...24 V see Table 1 min. 10 ms;
Coil data
Rated voltage Operating range of supply voltage Duration of supply voltage pulse DC max. 5 s
Insulation
Insulation category Insulation rated voltage Insulation max. voltage Rated surge voltage Overvoltage category Insulation pollution degree Dielectric strength * between coil and contacts * contact clearance Contact - coil distance * clearance * creepage C250 250 V AC 400 V AC 4 000 V AC III PN-EN 60664-1 3 4 000 V AC 1 000 V AC 8 mm 8 mm 10 ms 7 ms
8 A, 250 V AC > 105 > 105 5 A, 250 V AC > 3 x 107 29 x 10 x 15 mm 10 g
General data
Operating time (typical value) Release time (typical value) Electrical life * resistive AC1 * cos = 0,4 Mechanical life (cycles) Dimensions (L x W x H) Weight Ambient temperature * storage * operating Cover protection category Environmental protection Vibration resistance Solder bath temperature Soldering time
-40...+80 oC -40...+70 oC IP 67 RTII PN-EN 116000-3 10 g 10...100 Hz max. 270 oC max. 5 s
The data in bold type pertain to the standard versions of the relays. Note: At IP 67 waterproof version it is recommended that the vent pin is removed after soldering and washing process. Relays with other rasters available - contact Relpol S.A. Supply of bistable relays RMB962 - see page 2
Export Sales Department Phone +48 68 47 90 832 * Marketing Department Phone +48 68 47 90 900
www.relpol.com.pl
RMB962
2 miniature relays
Supplying mode: energizing only in pulse mode. Min. pulse duration 10 ms; max. pulse duration 5 s.
Terminals raster: type A 1 C/O - raster A (3,2 mm)
1 NO - raster A (5,0 mm)
1 C/O - raster A (3,2 mm)
1 NO - raster A (5,0 mm)
Mounting openings raster (solder side view)
1 C/O - raster A (3,2 mm)
Two coils circuit
1 NO - raster A (5,0 mm)
Mounting Relays RMB962 (raster A (3,2 / 5,0 mm)) are designed for direct PCB mounting.
www.relpol.com.pl
Export Sales Department Phone +48 68 47 90 832 * Marketing Department Phone +48 68 47 90 900
RMB962
miniature relays 3
Ordering codes
Cover protection category Type Type of raster Contact material Number and type of contacts Connection mode Coil code
Coil type
2 - bistable, two coils
Type of raster
see Table 1 page 2
A - 3,2 / 5,0 mm raster
Contact material
10 - AgCdO 12 - AgCdO/Au 3,5 m 30 - AgSnO2
Number and type of contacts
11 - 1 C/O 21 - 1 NO
Cover protection category
3 - in cover, IP 67 waterproof version
Connection mode
5 - for PCB
Relays with other rasters available - contact Relpol S.A.
Examples of ordering codes: RMB962A-3011-35-1012 RMB962A-3021-35-1012 bistable relay RMB962 with two coils, contact material AgSnO2, with one changeover contact - raster type A (3,2 mm), in cover IP 67, for PCB, voltage version 12 V DC bistable relay RMB962 with two coils, contact material AgSnO2, with one normally open contact - raster type A (5,0 mm), in cover IP 67, for PCB, voltage version 12 V DC
Export Sales Department Phone +48 68 47 90 832 * Marketing Department Phone +48 68 47 90 900
www.relpol.com.pl


▲Up To Search▲   

 
Price & Availability of RMB962A1011351003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X